Part Number Hot Search : 
ATMEGA W1T1G AP7312 ATMEGA H22B5 36515 ENTRAL DTC044TM
Product Description
Full Text Search
 

To Download KSC1815 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KSC1815
KSC1815
Audio Frequency Amplifier & High Frequency OSC
* Complement to KSA1015 * Collector-Base Voltage : VCBO= 50V
1
TO-92
1. Emitter 2. Collector 3. Base
NPN Epitaxial Silicon Transistor
Absolute Maximum Ratings Ta=25C unless otherwise noted
Symbol VCBO VCEO VEBO IC IB PC TJ TSTG Parameter Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Collector Current Base Current Collector Power Dissipation Junction Temperature Storage Temperature Value 60 50 5 150 50 400 125 -55 ~ 150 Units V V V mA mA mW C C
Electrical Characteristics Ta=25C unless otherwise noted
Symbol ICBO IEBO hFE1 hFE2 VCE (sat) VBE (sat) fT Cob NF Parameter Collector Cut-off Current Emitter Cut-off Current DC Current Gain Collector-Emitter Saturation Voltage Base-Emitter Saturation Voltage Current Gain Bandwidth Product Output Capacitance Noise Figure Test Condition VCB=60V, IE=0 VEB=5V, IC=0 VCE=6V, IC=2mA VCE=6V, IC=150mA IC=100mA, IB=10mA IC=100mA, IB=10mA VCE=10V, IC=1mA VCB=10V, IE=0, f=1MHz VCE=6V, IC=0.1mA RS=10k, f=1Hz 80 2.0 1.0 3.0 1.0 70 25 0.1 Min. Typ. Max. 0.1 0.1 700 0.25 1.0 V V MHz pF dB Units A A
hFE Classification
Classification hFE1 O 70 ~ 140 Y 120 ~ 240 GR 200 ~ 400 L 350 ~ 700
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC1815
Typical Characteristics
100
100
IB = 400A
VCE=6V
IC[mA], COLLECTOR CURRENT
80
IB = 350A IB = 300A
IC[mA], COLLECTOR CURRENT
60
IB = 250A IB = 200A
10
40
IB = 150A IB = 100A
1
20
IB = 50A
0 0 4 8 12 16 20
0.1 0.0
0.2
0.4
0.6
0.8
1.0
1.2
VCE[V], COLLECTOR-EMITTER VOLTAGE
VBE[V], BASE-EMITTER VOLTAGE
Figure 1. Static Characteristic
Figure 2. Transfer Characteristic
VBE(sat), VCE(sat)[mV], SATURATION VOLTAGE
10000
VCE = 6V
IC=10IB
hFE, DC CURRENT GAIN
VBE(sat)
1000
1000
100
VCE(sat)
10 1 10 100 1000
10 1 10 100 1000
IC[mA], COLLECTOR CURRENT
IC[mA], COLLECTOR CURRENT
Figure 3. DC current Gain
Figure 4. Base-Emitter Saturation Voltage Collector-Emitter Saturation Voltage
100
1000
IE=0
fT[MHz], CURRENT GAIN-BANDWIDTH PRODUCT
f=1MHz
VCE =6V
Cob[pF], CAPACITANCE
100
10
10
1
1
10
100
1000
1 0.1
1
10
100
VCB[V], COLLECTOR-BASE VOLTAGE
IC[mA], COLLECTOR CURRENT
Figure 5. Output Capacitance
Figure 6. Current Gain Bandwidth Product
(c)2002 Fairchild Semiconductor Corporation
Rev. A2, September 2002
KSC1815
Package Dimensions
TO-92
4.58 -0.15
+0.25
0.46
14.47 0.40
0.10
4.58 0.20
1.27TYP [1.27 0.20] 3.60
0.20
1.27TYP [1.27 0.20]
0.38 -0.05
+0.10
3.86MAX
1.02 0.10
0.38 -0.05
+0.10
(R2.29)
(0.25)
Dimensions in Millimeters
(c)2002 Fairchild Semiconductor Corporation Rev. A2, September 2002
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACExTM FACTTM ActiveArrayTM FACT Quiet seriesTM BottomlessTM FAST(R) FASTrTM CoolFETTM CROSSVOLTTM FRFETTM GlobalOptoisolatorTM DOMETM EcoSPARKTM GTOTM E2CMOSTM HiSeCTM EnSignaTM I2CTM Across the board. Around the world.TM The Power FranchiseTM Programmable Active DroopTM DISCLAIMER
ImpliedDisconnectTM ISOPLANARTM LittleFETTM MicroFETTM MicroPakTM MICROWIRETM MSXTM MSXProTM OCXTM OCXProTM OPTOLOGIC(R) OPTOPLANARTM
PACMANTM POPTM Power247TM PowerTrench(R) QFETTM QSTM QT OptoelectronicsTM Quiet SeriesTM RapidConfigureTM RapidConnectTM SILENT SWITCHER(R) SMART STARTTM
SPMTM StealthTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM TruTranslationTM UHCTM UltraFET(R) VCXTM
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY
FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, or (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user. 2. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS Definition of Terms
Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
(c)2002 Fairchild Semiconductor Corporation
Rev. I1


▲Up To Search▲   

 
Price & Availability of KSC1815

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X